Zakładka z wyszukiwarką danych komponentów |
|
74ACTQ573QSCX Arkusz danych(PDF) 6 Page - Fairchild Semiconductor |
|
74ACTQ573QSCX Arkusz danych(HTML) 6 Page - Fairchild Semiconductor |
6 / 13 page ©1990 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ACQ573, 74ACTQ573 Rev. 1.5 6 AC Electrical Characteristics for ACQ Notes: 10. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V. 11. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design. AC Operating Requirements for ACQ Note: 12. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V. Symbol Parameter VCC (V) (10) TA = +25°C, CL = 50pF TA = –40°C to +85°C, CL = 50pF Units Min. Typ. Max. Min. Max. tPHL, tPLH Propagation Delay, Dn to On 3.3 2.5 8.5 10.5 2.5 11.0 ns 5.0 1.5 5.5 7.0 1.5 7.5 tPLH, tPHL Propagation Delay, LE to On 3.3 2.5 8.5 12.0 2.5 12.5 ns 5.0 2.0 6.0 8.0 2.0 8.5 tPZL, tPZH Output Enable Time 3.3 2.5 8.5 13.0 2.5 13.5 ns 5.0 1.5 6.0 8.5 1.5 9.0 tPHZ, tPLZ Output Disable Time 3.3 1.0 9.0 14.5 1.0 15.0 ns 5.0 1.0 6.0 9.5 1.0 10.0 tOSHL, tOSLH Output to Output Skew, Dn to On (11) 3.3 1.0 1.5 1.5 ns 5.0 0.5 1.0 1.0 Symbol Parameter VCC (V) (12) TA = +25°C, CL = 50pF TA = –40°C to +85°C, CL = 50pF Units Typ. Guaranteed Minimum tS Setup Time, HIGH or LOW, Dn to LE 3.3 0 3.0 3.0 ns 5.0 0 3.0 3.0 tH Hold Time, HIGH or LOW, Dn to LE 3.3 0 1.5 1.5 ns 5.0 0 1.5 1.5 tW LE Pulse Width, HIGH 3.3 2.0 4.0 4.0 ns 5.0 2.0 4.0 4.0 |
Podobny numer części - 74ACTQ573QSCX |
|
Podobny opis - 74ACTQ573QSCX |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |