Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ04MTC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74ACTQ04MTC
Szczegółowy opis  Quiet Series Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ04MTC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ04MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
r 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA 25qC
TA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.5
7.5
2.0
8.0
ns
Data to Output
tPHL
Propagation Delay
5.0
2.0
6.5
7.5
2.0
8.0
ns
Data to Output
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 8)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
75
pF
VCC 5.0V


Podobny numer części - 74ACTQ04MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ04MTC FAIRCHILD-74ACTQ04MTC Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
More results

Podobny opis - 74ACTQ04MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com