Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29BDD160GT54APBK Arkusz danych(PDF) 7 Page - Advanced Micro Devices

Numer części AM29BDD160GT54APBK
Szczegółowy opis  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT54APBK Arkusz danych(HTML) 7 Page - Advanced Micro Devices

Back Button AM29BDD160GT54APBK Datasheet HTML 3Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT54APBK Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
June 7, 2006
Am29BDD160G
5
PRODUCT SELECTOR GUIDE
Note: The 54D, 64C, and 65A speed options are tested and guaranteed to operate only at the 66 MHz, 56MHz, and 40MHz
frequencies respectively. Operation and other frequencies is not warranted.
BLOCK DIAGRAM
Part Number
Am29BDD160G
Standard Voltage Range: VCC = 2.5 – 2.75 V
Synchronous/Burst or Asynchronous
Speed Option (Clock Rate)
54D (66 MHz)
64C (56 MHz)
65A (40 MHz)
Max Initial/Asynchronous Access Time, ns (t
ACC)
54
64
67
Max Burst Access Delay (ns)
9 FBGA/9.5 PQFP
10 FBGA/10 PQFP
17
Max Clock Rate (MHz)
66
56
40
Min Initial Clock Delay (clock cycles)
3
3
2
Max CE# Access, ns (t
CE)
58
69
71
Max OE# Access, ns (tOE)
20
28
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC
Detector
State
Control
Command
Register
V
CC
V
SS
WE#
RESET#
ACC
WP#
WORD#
CE#
OE#
DQ0
DQ15
A0–A18
Data
Latch
Y-Gating
Cell Matrix
DQ0–DQ31
A0–A18
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
ADV#
CLK
A0–A20
VIO
IND/
WAIT#


Podobny numer części - AM29BDD160GT54APBK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29BDD160GT54D AMD-AM29BDD160GT54D Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Podobny opis - AM29BDD160GT54APBK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com