Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ153PC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74ACTQ153PC
Szczegółowy opis  Quiet Series Dual 4-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ153PC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ153PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ153PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
7.0
11.5
2.0
13.5
ns
Sn to Zn
tPHL
Propagation Delay
5.0
3.0
7.0
11.5
2.5
13.5
ns
Sn to Zn
tPLH
Propagation Delay
5.0
2.0
6.5
10.5
2.0
12.5
ns
En to Zn
tPHL
Propagation Delay
5.03.0
6.09.5
2.5
11.0
ns
En to Zn
tPLH
Propagation Delay
5.02.5
5.59.5
2.0
11.0
ns
In to Zn
tPHL
Propagation Delay
5.02.0
5.59.5
2.0
11.0
ns
In to Zn
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
65.0
pF
VCC = 5.0V


Podobny numer części - 74ACTQ153PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ153PC FAIRCHILD-74ACTQ153PC Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
More results

Podobny opis - 74ACTQ153PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ153 FAIRCHILD-74ACTQ153 Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com