Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F139PC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74F139PC
Szczegółowy opis  Dual 1-of-4 Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F139PC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74F139PC Datasheet HTML 1Page - Fairchild Semiconductor 74F139PC Datasheet HTML 2Page - Fairchild Semiconductor 74F139PC Datasheet HTML 3Page - Fairchild Semiconductor 74F139PC Datasheet HTML 4Page - Fairchild Semiconductor 74F139PC Datasheet HTML 5Page - Fairchild Semiconductor 74F139PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3 STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
10% VCC
2.5
VMin
IOH = −1 mA
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW Voltage
10% VCC
0.5
V
Min
IOL = 20 mA
IIH
Input HIGH Current
5.0
µAMax
VIN = 2.7V
IBVI
Input HIGH Current Breakdown Test
7.0
µAMax
VIN = 7.0V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOD
Output Leakage Circuit Current
3.75
µA0.0
VIOD = 150 mV
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICC
Power Supply Current
13
20
mA
Max
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.5
5.3
7.5
3.0
8.5
ns
tPHL
A0 or A1 to On
4.06.1
8.04.0
9.0
tPLH
Propagation Delay
3.5
5.4
7.0
3.5
8.0
ns
tPHL
E1 to On
3.04.7
6.53.0
7.5


Podobny numer części - 74F139PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F139PC NSC-74F139PC Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74F139PC FAIRCHILD-74F139PC Datasheet
58Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer
74F139PC FAIRCHILD-74F139PC Datasheet
83Kb / 6P
   74F139 Dual 1-of-4 Decoder/Demultiplexer
More results

Podobny opis - 74F139PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com