Zakładka z wyszukiwarką danych komponentów |
|
74LCXZ2245WM Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
74LCXZ2245WM Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 11 page © 2005 Fairchild Semiconductor Corporation DS500410 www.fairchildsemi.com October 2000 Revised March 2005 74LCXZ2245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26 : Series Resistors in B Outputs General Description The LCXZ2245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus ori- ented applications. The device is designed for low voltage (2.7V and 3.3V) VCC applications with capability of interfac- ing to a 5V signal environment. The T/R input determines the direction of data flow through the device. The OE input disables both the A and B ports by placing them in a high impedance state. The 26 : series resistor in the B Port out- put helps reduce output overshoot and undershoot. The LCXZ2245 is fabricated with an advanced CMOS technology to achieve high speed operation while maintain- ing CMOS low power dissipation. When VCC is between 0 and 1.5V, the LCXZ2245 is on the high impedance state during power up or power down. This places the outputs in the high impedance (Z) state prevent- ing intermittent low impedance loading or glitching in bus oriented applications. Features s 5V tolerant inputs and outputs s 2.7V–3.6V VCC specifications provided s 7.0 ns tPD max (VCC 3.3V), 10 PA ICC max s Power down high impedance inputs and outputs s Supports live insertion/withdrawal (Note 1) s r12 mA output drive on the B Port (VCC 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s Equivalent 26 : series resistor on all B Port outputs s ESD performance: Human body model ! 2000V Machine model ! 200V Note 1: To ensure the high-impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum value or the resistor is determined by the current-sourcing capability of the driver. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Pb-Free package per JEDEC J-STD-020B. Logic Symbol Pin Descriptions Connection Diagram Order Number Package Number Package Description 74LCXZ2245WM M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74LCXZ2245SJ M20D Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74LCXZ2245MSA MSA20 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 74LCXZ2245MTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pin Names Description OE Output Enable Input T/R Transmit/Receive Input A0–A7 Side A Inputs or 3-STATE Outputs B0–B7 Side B Inputs or 3-STATE Outputs |
Podobny numer części - 74LCXZ2245WM |
|
Podobny opis - 74LCXZ2245WM |