Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1209IU10 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL1209IU10
Szczegółowy opis  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1209IU10 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL1209IU10 Datasheet HTML 6Page - Intersil Corporation ISL1209IU10 Datasheet HTML 7Page - Intersil Corporation ISL1209IU10 Datasheet HTML 8Page - Intersil Corporation ISL1209IU10 Datasheet HTML 9Page - Intersil Corporation ISL1209IU10 Datasheet HTML 10Page - Intersil Corporation ISL1209IU10 Datasheet HTML 11Page - Intersil Corporation ISL1209IU10 Datasheet HTML 12Page - Intersil Corporation ISL1209IU10 Datasheet HTML 13Page - Intersil Corporation ISL1209IU10 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN6109.4
October 17, 2006
Users have the option to connect EVIN (see EVINEB bit) to
an internal pull up current source that operates at 1µA
(always on mode). User selectable event sampling modes
are also available which will effectively reduce power
consumption with 1/4-Hz, 1-Hz and 2-Hz sample detection
rates. The EVIN input is pulsed ON/OFF when in sampling
mode for power savings advantages (See tables below).
The EVIN also has a user selectable time based hysteresis
filter (see EHYS bits) to implement switch de-bouncing
during an event detection. The EVIN signal must be high for
the duration of the selected time period. The time periods
available are 0 times delay (no time based hysteresis) to
3.9ms, 15.625ms or 31.25ms (see Table 1, 2, 3, and 4).
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of second, minute, hour, day of week, date, month, and year.
The RTC also has leap-year correction. The clock also
corrects for months having fewer than 31 days and has a bit
that controls 24 hour or AM/PM format. When the ISL1209
powers up after the loss of both VDD and VBAT, the clock will
not begin incrementing until at least one byte is written to the
clock register.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
~20ppm frequency deviation translates into an accuracy of
~1 minute per month. These parameters are available from
the crystal manufacturer. The ISL1209 provides on-chip
crystal compensation networks to adjust load capacitance to
tune oscillator frequency from -94ppm to +140ppm. For
more detailed information see the Application Section.
Single Event and Interrupt
The alarm mode is enabled via the ALME bit. Choosing
single event or interrupt alarm mode is selected via the IM
bit. Note that when the frequency output function is enabled,
the alarm function is disabled.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs in
single event mode, an IRQ pin will be pulled low and the
alarm status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring
alarm functionality. Hence, once the alarm is set, the device
will continue to alarm for each occurring match of the alarm
and present time. Thus, it will alarm as often as every minute
(if only the nth second is set) or as infrequently as once a
year (if at least the nth month is set). During pulsed interrupt
mode, the IRQ pin will be pulled low for 250ms and the alarm
status bit (ALM) will be set to “1”.
The ALM bit can be reset by the user or cleared
automatically using the auto reset mode (see ARST bit).
The alarm function can be enabled/disabled during battery
backup mode using the FOBATB bit. For more information
on the alarm, please see the Alarm Registers Description.
Frequency Output Mode
The ISL1209 has the option to provide a frequency output
signal using the IRQ/FOUT pin. The frequency output mode
is set by using the FO bits to select 15 possible output
frequency values from 0 to 32kHz. The frequency output can
be enabled/disabled during battery backup mode using the
FOBATB bit.
General Purpose User SRAM
The ISL1209 provides 2 bytes of user SRAM. The SRAM will
continue to operate in battery backup mode. However, it
should be noted that the I2C bus is disabled in battery
backup mode.
TABLE 1.
∆IDD (VDD=3V, tHYS=3.9ms)
fSMP
DELTA IDD
1/4Hz
20.5nA
1Hz
82nA
2Hz
164nA
TABLE 2.
∆IDD (VDD=5.0V, tHYS=3.9ms)
fSMP
DELTA IDD
1/4Hz
65.8nA
1Hz
263.3nA
2Hz
526.5nA
TABLE 3.
∆IDD (VDD=3.0V, tHYS=15.625ms)
fSMP
DELTA IDD
1/4Hz
82nA
1Hz
328nA
2Hz
656.3nA
TABLE 4.
∆IDD (VDD=5.0V, tHYS=15.625ms)
fSMP
DELTA IDD
1/4Hz
264nA
1Hz
1.05µA
2Hz
2.1µA
ISL1209


Podobny numer części - ISL1209IU10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1209IU10 INTERSIL-ISL1209IU10 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209IU10 RENESAS-ISL1209IU10 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209IU10-TK INTERSIL-ISL1209IU10-TK Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209IU10Z INTERSIL-ISL1209IU10Z Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209IU10Z RENESAS-ISL1209IU10Z Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Podobny opis - ISL1209IU10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com