Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS646 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS646
Szczegółowy opis  Octal 3-STATE Bus Transceiver and Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS646 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS646 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS646 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS646 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS646 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS646 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS646 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 Fairchild Semiconductor Corporation
DS009172
www.fairchildsemi.com
October 1986
Revised June 2001
DM74ALS646
Octal 3-STATE Bus Transceiver and Register
General Description
This device incorporates an octal bus transceiver and an
octal D-type register configured to enable multiplexed
transmission of data from bus to bus or internal register to
bus.
This bus transceiver features totem-pole 3-STATE outputs
designed specifically for driving highly-capacitive or rela-
tively low-impedance loads. The high-impedance state and
increased high-logic level drive provides this device with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without the need for
interface or pull-up components. They are particularly
attractive for implementing buffer registers, I/O ports, bidi-
rectional bus drivers, and working registers.
The registers in the DM74ALS646 are edge-triggered D-
type flip-flops. On the positive transition of the clock (CAB
or CBA), the input bus data is stored into the appropriate
register. The CAB input controls the transfer of data into
the A register and the CBA input controls the B register.
The SAB and SBA control pins are provided to select
whether real-time data or stored data is transferred. A LOW
input level selects real-time data, and a HIGH level selects
stored data. The select controls have a “make before
break” configuration to eliminate a glitch which would nor-
mally occur in a typical multiplexer during the transition
between store and real-time data.
The enable G and direction control pins provide four modes
of operation: real-time data transfer from bus A to B, real-
time data transfer from bus B to A, real-time bus A and/or B
data transfer to internal storage, or internally stored data
transfer to bus A or B.
When the enable G pin is LOW, the direction pin selects
which bus receives data. When the enable G pin is HIGH,
both buses become disabled yet their input function is still
enabled.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s 3-STATE buffer outputs drive bus lines directly
s Multiplexed real-time and stored data
s Independent registers for A and B buses
Ordering Code
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74ALS646WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
DM74ALS646NT
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Podobny numer części - DM74ALS646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646NT FAIRCHILD-DM74ALS646NT Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646WM FAIRCHILD-DM74ALS646WM Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
More results

Podobny opis - DM74ALS646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com