Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22326UFV14Z Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL22326UFV14Z
Szczegółowy opis  Dual Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326UFV14Z Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL22326UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6176.0
July 17, 2006
Block Diagram
I2C
INTERFACE
VCC
RH0
RH1
GND
RL0
RL1
RW0
RW1
SCL
SDA
A0
A1
A2
WR1
WR0
SHDN
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1VCC
Power supply pin
2SHDN
Shutdown active low input
3
RH0
“High” terminal of DCP0
4
RL0
“Low” terminal of DCP0
5
RW0
“Wiper” terminal of DCP0
6
A2
Device address input for the I2C interface
7
SCL
Open drain I2C interface clock input
8
SDA
Open drain Serial data I/O for the I2C interface
9
GND
Device ground pin
10
RW1
“Wiper” terminal of DCP1
11
RL1
“Low” terminal of DCP1
12
RH1
“High” terminal of DCP1
13
A0
Device address input for the I2C interface
14
A1
Device address input for the I2C interface
ISL22326


Podobny numer części - ISL22326UFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326UFV14Z RENESAS-ISL22326UFV14Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Podobny opis - ISL22326UFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com