Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28276IAZ-T Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL28276IAZ-T
Szczegółowy opis  Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276IAZ-T Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL28276IAZ-T Datasheet HTML 1Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 2Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 3Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 4Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 5Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 6Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 7Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 8Page - Intersil Corporation ISL28276IAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6301.0
June 23, 2006
FIGURE 11. CURRENT NOISE vs FREQUENCY
FIGURE 12. VOLTAGE NOISE vs FREQUENCY
FIGURE 13. 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
FIGURE 14. INPUT VOLTAGE SWING ABOVE THE V+ SUPPLY
FIGURE 15. INPUT BIAS + OFFSET CURRENTS vs
COMMON-MODE INPUT VOLTAGE
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
0.01
0.10
1.00
10.00
1
10
100
1k
10k
FREQUENCY (Hz)
100k
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TIME (1s/DIV)
1µVP-P
0
1
2
3
4
5
6
0
50
100
150
200
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
100K
100K
1K
Function
Generator
33140A
-
+
DUT
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
VOUT
VIN
V+ = 5V
TIME (mS)
1
1k
10k
10
100
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
IB+
IOS
IB-
2
3.5
4
5.5
SUPPLY VOLTAGE (V)
2.5
5
4.5
3
35
75
135
155
95
115
55
ISL28276


Podobny numer części - ISL28276IAZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28276IAZ-T7 INTERSIL-ISL28276IAZ-T7 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
More results

Podobny opis - ISL28276IAZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com