Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1000-BD-000V Arkusz danych(PDF) 1 Page - Mimix Broadband

Numer części XX1000-BD-000V
Szczegółowy opis  7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-BD-000V Arkusz danych(HTML) 1 Page - Mimix Broadband

  XX1000-BD-000V Datasheet HTML 1Page - Mimix Broadband XX1000-BD-000V Datasheet HTML 2Page - Mimix Broadband XX1000-BD-000V Datasheet HTML 3Page - Mimix Broadband XX1000-BD-000V Datasheet HTML 4Page - Mimix Broadband XX1000-BD-000V Datasheet HTML 5Page - Mimix Broadband XX1000-BD-000V Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Broadband
’s single ended fed (no external
balun required) 7.5-25.0/15.0-50.0 GHz GaAs MMIC
doubler has a +15.0 dBm output drive and is an
excellent LO doubler that can be used to drive
fundamental mixer devices. It is also well suited to
drive Mimix's XR1002 receiver device. This MMIC uses
Mimix Broadband
’s 0.15 µm GaAs PHEMT device
model technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
7.5-25.0/15.0-50.0 GHz GaAs MMIC
Active Doubler
Excellent Broadband Mixer Driver
Single Ended Fed Doubler with Distributed
Buffer Amplifier
Excellent LO Driver for Mimix Receivers
+15 dBm Output Drive
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Harmonic Gain (fout)
Fundamental Rejection (fin)
Saturated Output Power (Psat)
RF Input Power (RF Pin)
Output Power at +0.0 dBm Pin (Pout)
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2)
Supply Current (Id1,2) (Vd=5.0V, Vg1=-0.6V, Vg2=0.0V Typical)
Source Voltage (Vss)
Source Current (Iss)
Units
GHz
GHz
dB
dB
dB
dBc
dBm
dBm
dBm
VDC
VDC
VDC
mA
VDC
mA
Min.
7.5
15.0
-
-
-
-
-
-10.0
-
-
-1.2
-1.2
-
-5.5
25
Typ.
-
-
TBD
12.0
13
20
+15
-
+13.0
+5.0
-0.6
0.0
220
-5.0
50
Max.
25.0
50.0
-
-
-
-
-
+10.0
-
+5.5
+0.1
+0.1
250
-2.0
60
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Voltage (Vss)
Supply Current (Id)
Supply Current (Iss)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
-6.0 VDC
300 mA
60 mA
+0.3 VDC
+12.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 6
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 26-Mar-07
General Description
X1000-BD


Podobny numer części - XX1000-BD-000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD-000V MA-COM-XX1000-BD-000V Datasheet
781Kb / 9P
   Excellent Broadband Mixer Driver
More results

Podobny opis - XX1000-BD-000V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XD1002 MIMIX-XD1002_10 Datasheet
1Mb / 7P
   0.05-50.0 GHz GaAs MMIC
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
   18.0-50.0 GHz GaAs MMIC
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com