Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28486 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL28486
Szczegółowy opis  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28486 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL28486 Datasheet HTML 4Page - Intersil Corporation ISL28486 Datasheet HTML 5Page - Intersil Corporation ISL28486 Datasheet HTML 6Page - Intersil Corporation ISL28486 Datasheet HTML 7Page - Intersil Corporation ISL28486 Datasheet HTML 8Page - Intersil Corporation ISL28486 Datasheet HTML 9Page - Intersil Corporation ISL28486 Datasheet HTML 10Page - Intersil Corporation ISL28486 Datasheet HTML 11Page - Intersil Corporation ISL28486 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6312.0
September 22, 2006
FIGURE 23. INPUT OFFSET CURRENT vs TEMPERATURE
VS = ±2.5V
FIGURE 24. INPUT OFFSET CURRENT vs TEMPERATURE
VS = ±1.2V
FIGURE 25. INPUT OFFSET VOLTAGE vs TEMPERATURE
VS = ±2.5V
FIGURE 26. INPUT OFFSET VOLTAGE vs TEMPERATURE\
VS = ±1.2V
FIGURE 27. CMRR vs TEMPERATURE VCM = +2.5V TO -2.5V
FIGURE 28. PSRR vs TEMPERATURE VS = ±2.5V
Typical Performance Curves (Continued)
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
-1
-0.5
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
-500
-400
-300
-200
-100
0
100
200
300
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
-400
-300
-200
-100
0
100
200
300
400
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
95
100
105
110
115
120
125
130
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MAX
MEDIAN
80
90
100
110
120
130
140
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MAX
MEDIAN
ISL28286, ISL28486


Podobny numer części - ISL28486

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28486 INTERSIL-ISL28486 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28486FAZ INTERSIL-ISL28486FAZ Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Renesas Technology Corp
ISL28486FAZ RENESAS-ISL28486FAZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results

Podobny opis - ISL28486

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com