Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1002-QH-0G00 Arkusz danych(PDF) 1 Page - Mimix Broadband

Numer części XX1002-QH-0G00
Szczegółowy opis  2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-QH-0G00 Arkusz danych(HTML) 1 Page - Mimix Broadband

  XX1002-QH-0G00 Datasheet HTML 1Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 2Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 3Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 4Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 5Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 6Page - Mimix Broadband XX1002-QH-0G00 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband's 2.5-6.0/5.0-12.0 GHz SMD Active
Doubler delivers + 17 dBm of output power. The
device combines an active doubler with an output
buffer amplifier that delivers constant power over a
range of input powers. The device has excellent
rejection of the fundamental and harmonic products
and requires a single positive bias supply. This device
uses Mimix Broadband's 2 um GaAs HBT device model
technology to ensure high reliability and uniformity.
The device comes in a low-cost 4x4 mm QFN Surface
Mount Plastic Package offering excellent RF and
thermal properties and is RoHS compliant. This device
is well suited for Point-to-Point Radio, Microwave,
LMDS, SATCOM and VSAT applications.
2.5-6.0/5.0-12.0 GHz Active Doubler
QFN, 4x4 mm
Octave Bandwidth Operation
+17 dBm Output Power
-35 dBc Fundamental Leakage
+5.0V, 125mA Bias Supply
SMD, 4x4 mm QFN Package
RoHS Compliant
100% RF, DC and Output Power Testing
Features
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Saturated Output Power (Psat)
RF Input Power (RF Pin)
Fundamental Leakage (fin)
Third Harmonic Leakage (3xfin)
Fourth Harmonic Leakage (4xfin)
Bias Voltage (Vcc)
Supply Current
Units
GHz
GHz
dB
dB
dBm
dBm
dBc
dBc
dBc
VDC
mA
Min.
2.5
5.0
-
-
+14
-3.0
-
-
-
-
-
Typ.
-
-
-15
-7
+17
-
-35
-30
-20
+5.0
125
Max.
6.0
12.0
-
-
-
+3.0
-
-
-
+5.5
140
Absolute Maximum Ratings
Supply Voltage (Vcc)
Supply Current (Id)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Junction Temperature (Tj)
+6.0 VDC
200 mA
+10.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Page 1 of 7
1
(1) Junction temperature affects a device's MTTF. It is
recommended to keep junction temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 15-Mar-07
General Description
X1002-QH


Podobny numer części - XX1002-QH-0G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002-QH-0G00 MIMIX-XX1002-QH-0G00 Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH-0G00 MIMIX-XX1002-QH-0G00 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

Podobny opis - XX1002-QH-0G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XM1001-QH MIMIX-XM1001-QH Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com