Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21009BFB812Z Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL21009BFB812Z
Szczegółowy opis  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB812Z Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL21009BFB812Z Datasheet HTML 5Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 6Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 7Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 8Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 9Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 10Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 11Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 12Page - Intersil Corporation ISL21009BFB812Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6327.1
February 14, 2007
Data Converters in particular can utilized the ISL21009 as an
external voltage reference. Low power DAC and ADC
circuits will realize maximum resolution with lowest noise.
Board Mounting Considerations
For applications requiring the highest accuracy, board
mounting location should be reviewed. The device uses a
plastic SOIC package which will subject the die to mild
stresses when the PC board is heated and cooled and
slightly changes shape. Placing the device in areas subject
to slight twisting can cause degradation of the accuracy of
the reference voltage due to these die stresses. It is normally
best to place the device near the edge of a board, or the
shortest side, as the axis of bending is most limited at that
location. Mounting the device in a cutout also minimizes flex.
Obviously mounting the device on flexprint or extremely thin
PC material will likewise cause loss of reference accuracy.
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is
typically 4µVP-P. The noise measurement is made with a
bandpass filter made of a 1 pole high-pass filter with a corner
frequency at 0.1Hz and a 2-pole low-pass filter with a corner
frequency at 12.6Hz to create a filter with a 9.9Hz bandwidth.
Noise in the 10kHz to 1MHz bandwidth is approximately
40µVP-P with no capacitance on the output. This noise
measurement is made with a 2 decade bandpass filter made
of a 1 pole high-pass filter with a corner frequency at 1/10 of
the center frequency and 1-pole low-pass filter with a corner
frequency at 10 times the center frequency. Load capacitance
up to 1000pF can be added but will result in only marginal
improvements in output noise and transient response. The
output stage of the ISL21009 is not designed to drive heavily
capactive loads, so for load capacitances above 0.001µF the
noise reduction network shown in Figure 30 is recommended.
This network reduces noise significantly over the full
bandwidth. Noise is reduced to less than 20µVP-P from 1Hz to
1MHz using this network with a 0.01µF capacitor and a 2k
Ω
resistor in series with a 10µF capacitor. Also, transient
response is improved with higher value output capacitor. The
0.01µF value can be increased for better load transient
response with little sacrifice in output stability.
Turn-On Time
The ISL21009 devices have low supply current and thus the
time to bias up internal circuitry to final values will be longer
than with higher power references. Normal turn-on time is
typically 100µs. This is shown in Figure 11. Circuit design
must take this into account when looking at power up delays
or sequencing.
Temperature Coefficient
The limits stated for temperature coefficient (tempco) are
governed by the method of measurement. The overwhelming
standard for specifying the temperature drift of a reference is to
measure the reference voltage at two temperatures, take the
total variation, (VHIGH – VLOW), and divide by the temperature
extremes of measurement (THIGH –TLOW). The result is
divided by the nominal reference voltage (at T = +25°C) and
multiplied by 106 to yield ppm/°C. This is the “Box” method for
specifying temperature coefficient.
Output Voltage Adjustment
The output voltage can be adjusted up or down by 2.5% by
placing a potentiometer from Vout to ground, and connecting
the wiper to the TRIM pin. The TRIM input is high impedance,
so no series resistance is needed. The resistor in the
potentiometer should be a low tempco (<50ppm/°C) and the
resulting voltage divider should have very low tempco
<5ppm/°C. A digital potentiometer such as the ISL95810
provides a low tempco resistance and excellent resistor and
tempco matching for trim applications.
VIN = 3.5V
VIN
VO
GND
ISL21009
0.01µF
10µF
2k
Ω
0.1µF
10µF
FIGURE 30. HANDLING HIGH LOAD CAPACITANCE
ISL21009


Podobny numer części - ISL21009BFB812Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21009BFB812Z INTERSIL-ISL21009BFB812Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009BFB812Z INTERSIL-ISL21009BFB812Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB812Z RENESAS-ISL21009BFB812Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Podobny opis - ISL21009BFB812Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com