Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21009BFB850Z-TK Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL21009BFB850Z-TK
Szczegółowy opis  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB850Z-TK Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL21009BFB850Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6327.1
February 14, 2007
Electrical Specifications (ISL21009-50, VOUT = 5.0V)
VIN = 10.0V, TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
5.000
V
VIN
Input Voltage Range
5.5
16.5
V
IIN
Supply Current
95
180
µA
ΔV
OUT /ΔVIN
Line Regulation
5.5V < VIN < 16.5V
20
90
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
60
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
100
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 2)
ΔT
A = +125°C
50
ppm
NOTES:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
2. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled
from +25°C to +125°C to -40°C to +25°C.
3. Guaranteed by device characterization and/or correlation to other device tests.
4. FGA voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 1,000 hours. Because of this decreasing characteristics, long term drift
is specified in ppm/
√1kHrs.
Typical Performance Curves (ISL21009-25) (R
EXT = 100kΩ)
FIGURE 2. IIN vs VIN 3 UNITS
FIGURE 3. IIN vs VIN, 3 TEMPERATURES
FIGURE 4. LINE REGULATION
FIGURE 5. LINE REGULATION OVER TEMPERATURE
0
20
40
60
80
100
120
140
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
115µA
105µA
81µA
80
90
100
110
120
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
+25°C
+125°C
-40°C
2.49980
2.49985
2.49990
2.49995
2.50000
2.50005
2.50010
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
115µA
105µA
81µA
-100
-80
-60
-40
-20
0
20
40
60
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
+25°C
+125°C
-40°C
ISL21009


Podobny numer części - ISL21009BFB850Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB850Z RENESAS-ISL21009BFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Podobny opis - ISL21009BFB850Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com