Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC602P Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDC602P
Szczegółowy opis  P-Channel 2.5V PowerTrench Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC602P Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDC602P_01 Datasheet HTML 1Page - Fairchild Semiconductor FDC602P_01 Datasheet HTML 2Page - Fairchild Semiconductor FDC602P_01 Datasheet HTML 3Page - Fairchild Semiconductor FDC602P_01 Datasheet HTML 4Page - Fairchild Semiconductor FDC602P_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC602P Rev C(W)
Typical Characteristics
0
1
2
3
4
5
0
3
6
9
12
15
18
Q
g
, GATE CHARGE (nC)
I
D = -5.5A
V
DS
=-5.0V
-10V
-15V
0
400
800
1200
1600
2000
0
5
10
15
20
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS
= 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
DS
, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
R
DS(ON)
LIMIT
V
GS
= -4.5V
SINGLE PULSE
Rθ
JA
= 156 oC/W
T
A
= 25oC
10ms
1ms
10
20
30
40
50
SINGLE PULSE
RθJA
TA
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 156
oC/W
TJ - T A = P * R θJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDC602P_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC602P FAIRCHILD-FDC602P Datasheet
216Kb / 6P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDC602P VBSEMI-FDC602P Datasheet
1,006Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDC602P_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com