Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC604P Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDC604P
Szczegółowy opis  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC604P Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDC604P_01 Datasheet HTML 1Page - Fairchild Semiconductor FDC604P_01 Datasheet HTML 2Page - Fairchild Semiconductor FDC604P_01 Datasheet HTML 3Page - Fairchild Semiconductor FDC604P_01 Datasheet HTML 4Page - Fairchild Semiconductor FDC604P_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC604P Rev C(W)
Typical Characteristics
0
1
2
3
4
5
0
5
10
15
20
25
Qg, GATE CHARGE (nC)
ID = -5.5A
VDS = -5V
-15V
-10V
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
10ms
1ms
100µs
RDS(ON) LIMIT
VGS = -4.5V
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
0
1
2
3
4
5
0.1
1
10
100
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 156
oC/W
T
A = 25
oC
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.00 1
0.0 1
0.1
1
0 .000 1
0 . 001
0.01
0.1
1
1 0
100
10 00
t 1 , T IM E ( s e c )
R θJA (t) = r(t) + R θJA
R θJA = 15 6 ° C /W
T J - T A = P * R θ JA (t)
D u ty C y c le , D = t1 / t2
P( p k )
t1
t2
S IN G LE P U LS E
0.01
0.02
0. 0 5
0. 1
0.2
D = 0 .5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDC604P_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC604P FAIRCHILD-FDC604P Datasheet
359Kb / 8P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDC604P UMW-FDC604P Datasheet
1Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
More results

Podobny opis - FDC604P_01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com