Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1208 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL1208
Szczegółowy opis  Low Power RTC with Battery Backed SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL1208_06 Datasheet HTML 1Page - Intersil Corporation ISL1208_06 Datasheet HTML 2Page - Intersil Corporation ISL1208_06 Datasheet HTML 3Page - Intersil Corporation ISL1208_06 Datasheet HTML 4Page - Intersil Corporation ISL1208_06 Datasheet HTML 5Page - Intersil Corporation ISL1208_06 Datasheet HTML 6Page - Intersil Corporation ISL1208_06 Datasheet HTML 7Page - Intersil Corporation ISL1208_06 Datasheet HTML 8Page - Intersil Corporation ISL1208_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8085.5
August 23, 2006
Block Diagram
I2C
INTERFACE
RTC
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
IRQ/
FOUT
INTERNAL
SUPPLY
VTRIP
Seconds
Minutes
Hours
Day of Week
Date
Month
Year
USER
SRAM
CONTROL
REGISTERS
Pin Descriptions
PIN
NUMBER SYMBOL
DESCRIPTION
1
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz
crystal. X1 can also be driven directly from a 32.768kHz source.
2
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz
crystal.
3VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the VDD supply
fails. This pin should be tied to ground if not used.
4
GND
Ground.
5
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open drain output and
may be wire OR’ed with other open drain or open collector outputs.
6
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device.
7IRQ/FOU
T
Interrupt Output/Frequency Output is a multi-functional pin that can be used as interrupt or frequency output pin. The function
is set via the configuration register.
8VDD
Power supply.
ISL1208


Podobny numer części - ISL1208_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12082 INTERSIL-ISL12082 Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
ISL12082 INTERSIL-ISL12082 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12082 INTERSIL-ISL12082 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
Intersil Corporation
ISL12082IB8Z INTERSIL-ISL12082IB8Z Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
More results

Podobny opis - ISL1208_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com