Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1286V14IZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części X1286V14IZ
Szczegółowy opis  Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1286V14IZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  X1286V14IZ Datasheet HTML 1Page - Intersil Corporation X1286V14IZ Datasheet HTML 2Page - Intersil Corporation X1286V14IZ Datasheet HTML 3Page - Intersil Corporation X1286V14IZ Datasheet HTML 4Page - Intersil Corporation X1286V14IZ Datasheet HTML 5Page - Intersil Corporation X1286V14IZ Datasheet HTML 6Page - Intersil Corporation X1286V14IZ Datasheet HTML 7Page - Intersil Corporation X1286V14IZ Datasheet HTML 8Page - Intersil Corporation X1286V14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN8101.1
April 14, 2006
PIN DESCRIPTIONS
X1
X2
VBACK
VCC
NC
NC
NC
VSS
1
2
3
4
13
14
12
11
14 LD TSSOP
NC
NC
SCL
NC
PHZ/IRQ
SDA
5
6
7
9
10
8
X1
X2
VBACK
VCC
PHZ/IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 LD EIAJ SOIC
Ordering Information
PART NUMBER
PART MARKING
VCC RANGE (V)
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
X1286A8*
X1286A
2.7 to 5.5
0 to 70
8 Ld EIAJ SOIC
X1286A8I*
X1286A I
-40 to 85
8 Ld EIAJ SOIC
X1286V14*
X1286 V
0 to 70
14 Ld TSSOP (4.4mm)
MDP0044
X1286V14Z* (Note)
X1286 VZ
0 to 70
14 Ld TSSOP (4.4mm)
(Pb-free)
MDP0044
X1286V14I*
X1286 VI
-40 to 85
14 Ld TSSOP (4.4mm)
MDP0044
X1286V14IZ* (Note)
X1286 VIZ
-40 to 85
14 Ld TSSOP (4.4mm)
(Pb-free)
MDP0044
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X1286


Podobny numer części - X1286V14IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1286V14IZ RENESAS-X1286V14IZ Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1286V14IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com