Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1227S8IZ-2.7 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części X1227S8IZ-2.7
Szczegółowy opis  2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8IZ-2.7 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button X1227S8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 13Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN8099.2
May 8, 2006
POWER CONTROL OPERATION
The power control circuit accepts a VCC and a VBACK
input. The power control circuit powers the device from
VBACK when VCC < VBACK - 0.2V. It will switch back to
power the device from VCC when VCC exceeds VBACK.
Figure 3. Power Control
REAL TIME CLOCK OPERATION
The Real Time Clock (RTC) uses an external
32.768kHz quartz crystal to maintain an accurate inter-
nal representation of the second, minute, hour, day,
date, month, and year. The RTC has leap-year correc-
tion. The clock also corrects for months having fewer
than 31 days and has a bit that controls 24 hour or
AM/PM format. When the X1227 powers up after the
loss of both VCC and VBACK, the clock will not operate
until at least one byte is written to the clock register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of
the Real Time Clock. The RTC Registers can then be
read in a Sequential Read Mode. Since the clock runs
continuously and a read takes a finite amount of time,
there is the possibility that the clock could change during
the course of a read operation. In this device, the time is
latched by the read command (falling edge of the clock
on the ACK bit prior to RTC data output) into a separate
latch to avoid time changes during the read operation.
The clock continues to run. Alarms occurring during a
read are unaffected by the read operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. To avoid changing the current time by an
uncompleted write operation, the current time value is
loaded into a separate buffer at the falling edge of the
clock on the ACK bit before the RTC data input bytes,
the clock continues to run. The new serial input data
replaces the values in the buffer. This new RTC value
is loaded back into the RTC Register by a stop bit at
the end of a valid write sequence. An invalid write
operation aborts the time update procedure and the
contents of the buffer are discarded. After a valid write
operation the RTC will reflect the newly loaded data
beginning with the next “one second” clock cycle after
the stop bit is written. The RTC continues to update
the time while an RTC register write is in progress and
the RTC continues to run during any nonvolatile write
sequences. A single byte may be written to the RTC
without affecting the other bytes.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time
base for the RTC. Since the resonant frequency of a
crystal is temperature dependent, the RTC perfor-
mance will also be dependent upon temperature. The
frequency deviation of the crystal is a fuction of the
turnover temperature of the crystal from the crystal’s
nominal frequency. For example, a >20ppm frequency
deviation translates into an accuracy of >1 minute per
month. These parameters are available from the
crystal manufacturer. Intersil’s RTC family provides
on-chip crystal compensation networks to adjust load-
capacitance to tune oscillator frequency from +116
ppm to -37 ppm when using a 12.5 pF load crystal. For
more detail information see the Application section.
CLOCK/CONTROL REGISTERS (CCR)
The Control/Clock Registers are located in an area
separate from the EEPROM array and are only
accessible following a slave byte of “1101111x” and
reads or writes to addresses [0000h:003Fh]. The
clock/control memory map has memory addresses
from 0000h to 003Fh. The defined addresses are
described in the Table 1. Writing to and reading from
the undefined addresses are not recommended.
CCR access
The contents of the CCR can be modified by perform-
ing a byte or a page write operation directly to any
address in the CCR. Prior to writing to the CCR
(except the status register), however, the WEL and
RWEL bits must be set using a two step process (See
section “Writing to the Clock/Control Registers.”)
The CCR is divided into 5 sections. These are:
1. Alarm 0 (8 bytes; non-volatile)
2. Alarm 1 (8 bytes; non-volatile)
3. Control (4 bytes; non-volatile)
4. Real Time Clock (8 bytes; volatile)
5. Status (1 byte; volatile)
Each register is read and written through buffers. The
non-volatile portion (or the counter portion of the RTC)
is updated only if RWEL is set and only after a valid
write operation and stop bit. A sequential read or page
write operation provides access to the contents of only
one section of the CCR per operation. Access to
another section requires a new operation. Continued
VBACK
In
Voltage
VCC
On
Off
X1227


Podobny numer części - X1227S8IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227S8IZ-2.7 INTERSIL-X1227S8IZ-2.7 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8IZ-2.7 RENESAS-X1227S8IZ-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8IZ-2.7A INTERSIL-X1227S8IZ-2.7A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8IZ-2.7A RENESAS-X1227S8IZ-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8IZ-2.7AT1 INTERSIL-X1227S8IZ-2.7AT1 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1227S8IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com