Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6632 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDD6632
Szczegółowy opis  N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6632 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDD6632 Datasheet HTML 1Page - Fairchild Semiconductor FDD6632 Datasheet HTML 2Page - Fairchild Semiconductor FDD6632 Datasheet HTML 3Page - Fairchild Semiconductor FDD6632 Datasheet HTML 4Page - Fairchild Semiconductor FDD6632 Datasheet HTML 5Page - Fairchild Semiconductor FDD6632 Datasheet HTML 6Page - Fairchild Semiconductor FDD6632 Datasheet HTML 7Page - Fairchild Semiconductor FDD6632 Datasheet HTML 8Page - Fairchild Semiconductor FDD6632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD6632 Rev. B1
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
255075
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
2
4
6
8
10
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
10
100
7
t, PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 5V
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TC = 25
oC


Podobny numer części - FDD6632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Inchange Semiconductor ...
FDD6632 ISC-FDD6632 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Intersil Corporation
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
   9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3_12 Datasheet
375Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com