Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN24ACMLX Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FIN24ACMLX
Szczegółowy opis  22-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24ACMLX Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN24ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 14Page - Fairchild Semiconductor FIN24ACMLX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24AC Rev. 1.0.3
11
Application Mode Diagrams Unidirectional Data Transfer
Figure 11. Simplified Block Diagram for Unidirectional Serializer and Deserializer
Figure 11 shows basic operation when a pair of SerDes is configured in an unidirectional operation mode.
In Master Operation, the device:
1. Is configured as a serializer at power-up based on the
value of the DIRI signal.
2. Accepts CKREF_M word clock and generates a bit
clock with embedded word boundary. This bit clock is
sent to the slave device through the CKSO port.
3. Receives parallel data on the rising edge of
STROBE_M.
4. Generates and transmits serialized data on the
DS signals source synchronously with CKSO.
5. Generates an embedded word clock for each strobe
signal.
In Slave Operation, the device:
1. Is configured as a deserializer at power-up based on
the value of the DIRI signal.
2. Accepts an embedded word boundary bit clock on
CKSI.
3. Deserializes the DS data stream using the CKSI input
clock.
4. Writes parallel data onto the DP_S port and generates
the CKP_S. CKP_S is only generated when a valid
data word occurs.
Figure 12. Unidirectional Serializer and Deserializer
+
+
+
+
CKREF_M
CKSO
CKSI
CKP_S
DP[1:12]_S
Serializer
Control
BIT CK
Gen.
PLL
Master Device Operating as a Serializer
DIR = “1”
S2 = S1 = “0”
Slave Device Operating as a Deserializer
DIR = “0”
S2 = S1 = “0”
Deserializer
Control
Work CK
Gen
Serializer
Deserializer
DS
STROBE_M
DP[1:12]_M
CKREF
Note:
Data on serializer pins DP[21:22] is output on pins DP[23:24] of the deserializer.
Receiving
Unit
STROBE
DP[21:22]
CKSI
DS
DP[23:24]
DP[1:20]
CNTL[0:1]
DATA [0:19]
CNTL[0:1]
DATA [0:19]
DP[1:20]
DIRI
VDD
DIRI
S1
S2
S1
S2
CKSO
CKP
DS
FIN24AC
FIN24AC
Sending
Unit
REFCK


Podobny numer części - FIN24ACMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

Podobny opis - FIN24ACMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com