Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTUD16450 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FSTUD16450
Szczegółowy opis  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16450 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FSTUD16450_06 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 8Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 9Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 10Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
AC Electrical Characteristics: Translating Diode
Note 9: This parameter is guaranteed by design but is not tested. This bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 10)
Note 10: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
CL = 50pF, RU = RD = 500Ω
Conditions
Figure
VCC = 4.5 – 5.5V
VCC = 4.0V
(S2 = 0V)
Number
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus-to-Bus
(Note 8)
0.25
0.25
ns
VI = OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
6.5
7.0
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
6.7
7.2
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
tPZH, tPZL
Sel (S0, 1) to Output Enable Time
1.5
7.0
7.5
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Sel (S0, 1) to Output Disable Time
1.5
7.5
7.7
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
CL = 50pF, RU = RD = 500Ω
Conditions
Figure
VCC = 4.5 – 5.5V
(S2 = VCC)
Number
Min
Max
tPHL, tPLH
Propagation Delay Bus-to-Bus (Note 9)
0.25
ns
VI = OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
10.0
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
9.0
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
tPZH, tPZL
Sel (S0, 1) to Output Enable Time
1.5
11.0
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Sel (S0, 1) to Output Disable Time
1.5
10.0
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
4
pF
VCC = 5.0V, VIN = 0V
CI/O
Input/Output Capacitance “OFF State”
8pF
VCC, OE = 5.0V, VIN = 0V


Podobny numer części - FSTUD16450_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD16450GX FAIRCHILD-FSTUD16450GX Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450MTD FAIRCHILD-FSTUD16450MTD Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results

Podobny opis - FSTUD16450_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com