Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTUD32450 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FSTUD32450
Szczegółowy opis  Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32450 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FSTUD32450_06 Datasheet HTML 1Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 8Page - Fairchild Semiconductor FSTUD32450_06 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
Logic Diagrams
20-Bit Configuration
10-Bit Configuration


Podobny numer części - FSTUD32450_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

Podobny opis - FSTUD32450_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com