Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTUD16450GX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FSTUD16450GX
Szczegółowy opis  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16450GX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FSTUD16450GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
S0, S1
Bit Configuration Enables
S2
Level Shifting Diode Enable
NC
No Connect
1
234
56
A
1A3
1A2
OE1
OE2
1B2
1B3
B
1A5
1A4
1A1
1B1
1B4
1B5
C
1A7
1A6
GND
OE5
1B6
1B7
D
1A9
1A8
GND
VCC
1B8
1B9
E
2A1
1A10
S0
VCC
1B10
2B1
F
2A3
2A2
S1
S2
2B2
2B3
G
2A5
2A4
VCC
GND
2B4
2B5
H
2A7
2A6
2A10
2B10
2B6
2B7
J
2A9
2A8
OE4OE3
2B8
2B9


Podobny numer części - FSTUD16450GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD16450GX FAIRCHILD-FSTUD16450GX Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results

Podobny opis - FSTUD16450GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com