Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS61050 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPS61050
Szczegółowy opis  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPS61050 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPS61050 Datasheet HTML 1Page - Texas Instruments TPS61050 Datasheet HTML 2Page - Texas Instruments TPS61050 Datasheet HTML 3Page - Texas Instruments TPS61050 Datasheet HTML 4Page - Texas Instruments TPS61050 Datasheet HTML 5Page - Texas Instruments TPS61050 Datasheet HTML 6Page - Texas Instruments TPS61050 Datasheet HTML 7Page - Texas Instruments TPS61050 Datasheet HTML 8Page - Texas Instruments TPS61050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61050
TPS61052
SLUS525 – MARCH 2007
Unless otherwise noted the specification applies for V
IN = 3.6 V over an operating junction temp. of –40°C ≤ TJ ≤ 125°C.
Typical values are for T
A = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Input voltage range
2.5
6.0
V
VIN
Minimum input voltage for start-up
MODE_CTRL[1:0] = 11, OV[1:0] = 01, RL = 10 Ω
2.5
V
IQ
Operating quiescent current into AVIN
MODE_CTRL[1:0] = 01, ILED = 0 mA
8.5
mA
MODE_CTRL[1:0] = 00, OV[1:0]
≠ 11
0.3
3.0
µA
– 40
°C ≤ T
J ≤ 85°C
ISD
Shutdown current into AVIN
MODE_CTRL[1:0] = 00, OV[1:0] = 11
140
µA
– 40
°C ≤ T
J ≤ 85°C
VUVLO
Undervoltage lockout threshold
VIN falling
2.3
2.4
V
OUTPUT
Current regulator mode
VIN
5.5
VOUT
Output voltage range
V
Voltage regulator mode
4.5
5.25
OVP Output overvoltage protection
VOUT rising
5.7
6.0
6.25
V
OVP
Output overvoltage protection hysterisis
0.15
V
D
Minimum duty cycle
7.5%
0.25 V
≤ V
LED ≤ 2.0 V,
–15%
15%
50 mA
≤ I
LED ≤ 250 mA, TJ = 50°C
LED current accuracy(1)
0.25 V
≤ V
LED ≤ 2.0 V,
–12%
12%
200 mA
≤ I
LED ≤ 1200 mA, TJ = 50°C
LED current temperature coefficient
0.08
%/
°C
DC output voltage accuracy
2.5 V
≤ V
IN ≤ 0.9 VOUT, PWM operation
–3%
3%
VLED
LED sense voltage
ILED = 1200 mA
250
mV
LED input leakage current
VLED = VOUT = 5 V, –40°C ≤ TJ ≤ 85°C
0.1
1
µA
POWER SWITCH
Switch MOSFET on-resistance
80
rDS(on)
VOUT = VGS = 3.6 V
m
Rectifier MOSFET on-resistance
80
Switch MOSFET leakage
0.1
1
Ilkg(SW)
VDS = 6.0 V, –40°C ≤ TJ ≤ 85°C
µA
Rectifier MOSFET leakage
0.1
1
2.5 V
≤ V
IN ≤ 6.0 V, ILIM bits = 00
850
1000
1150
1275
1500
1725
Ilim
Switch current limit
2.5 V
≤ V
IN ≤ 6.0 V, ILIM bits = 01, 10
(1)
mA
1700
2000
2300
2.5 V
≤ V
IN ≤ 6.0 V, ILIM bits = 11
(1)
140
160
°C
Thermal shutdown (1)
20
°C
Thermal shutdown hysteresis (1)
OSCILLATOR
fSW
Oscillator frequency
1.8
2.0
2.2
MHz
ADC
Resolution
3
Bits
VLED = 0.25 V, assured monotonic by design
±0.25
±1
LSB
Total error (1)
SDA, SCL, GPIO, ENVM, FLASH_SYNC
V(IH)
High-level input voltage
1.2
V
V(IL)
Low-level input voltage
0.4
V
Low-level output voltage (SDA)
IOL = 8 mA
0.3
V(OL)
V
Low-level output voltage (GPIO)
DIR = 1, IOL = 8 mA
0.3
I(LKG)
Logic input leakage current
Input connected to VIN or GND, –40°C ≤ TJ ≤ 85°C
0.01
0.1
µA
GPIO pull-down resistance
DIR = 0, GPIO
≤ 0.4 V (TPS61050)
400
k
ENVM pull-down resitance
ENVM
≤ 0.4 V (TPS61052)
400
k
FLASH_SYNC pull-down resistance
FLASH_SYNC
≤ 0.4 V
400
k
(1)
Assured by design. Not tested in production.
3
Submit Documentation Feedback


Podobny numer części - TPS61050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS61050DRCR TI1-TPS61050DRCR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050DRCT TI1-TPS61050DRCT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGR TI1-TPS61050YZGR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGT TI1-TPS61050YZGT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Podobny opis - TPS61050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com