Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J111 Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części J111
Szczegółowy opis  N-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111 Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button J111 Datasheet HTML 5Page - Fairchild Semiconductor J111 Datasheet HTML 6Page - Fairchild Semiconductor J111 Datasheet HTML 7Page - Fairchild Semiconductor J111 Datasheet HTML 8Page - Fairchild Semiconductor J111 Datasheet HTML 9Page - Fairchild Semiconductor J111 Datasheet HTML 10Page - Fairchild Semiconductor J111 Datasheet HTML 11Page - Fairchild Semiconductor J111 Datasheet HTML 12Page - Fairchild Semiconductor J111 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SOT-23 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empt y poc kets
SOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
PackagingOption
SOT-23 PackagingInformation
Standard
(no flow code)
D87Z
Packagingtype
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183
343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0082
0.0082
Weight per Reel (kg)
0.1175
0.4006
H uman readable
Label
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for L87Z Option
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SOT-23 Unit Orientation
3P
3P
3P
3P
Human Readable
Label
Customized Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SOT-23
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchil d logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
parts are shipped in tape. The carrier tape is
SOT-23 Tape and Reel Data
September 1999, Rev. C
©2000 Fairchild Semiconductor International


Podobny numer części - J111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Micross Components
J111 MICROSS-J111 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix J111
logo
Fairchild Semiconductor
J111 FAIRCHILD-J111 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J111 INTERFET-J111 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

Podobny opis - J111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com