Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD1621 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KSD1621
Szczegółowy opis  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1621 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KSD1621 Datasheet HTML 1Page - Fairchild Semiconductor KSD1621 Datasheet HTML 2Page - Fairchild Semiconductor KSD1621 Datasheet HTML 3Page - Fairchild Semiconductor KSD1621 Datasheet HTML 4Page - Fairchild Semiconductor KSD1621 Datasheet HTML 5Page - Fairchild Semiconductor KSD1621 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
KSD1621 Rev. B2
Electrical Characteristics (Continued) T
a = 25°C unless otherwise noted
hFE Classification
Package Marking and Ordering Information
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
fT
Current Gain Bandwidth product
VCE = 10V, IC = 50mA
150
MHz
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
19
pF
tON
Turn On Time *
VCC = 12V, VBE = 5V
IB1 = -IB2 = 25mA
IC = 0.5A, RL = 25Ω
60
ns
tSTG
Storage Time *
500
ns
tF
Fall Time *
25
ns
Classification
R
S
T
U
hFE
100 ~ 200
140 ~ 280
200 ~ 400
280 ~ 560
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
1621
KSD1621
SOT-89
13”
--
4,000


Podobny numer części - KSD1621

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSD1621 FAIRCHILD-KSD1621 Datasheet
71Kb / 5P
   High Current Driver Applications
KSD1621 FAIRCHILD-KSD1621 Datasheet
120Kb / 6P
   NPN Epitaxial Silicon Transistor
KSD1621RTF FAIRCHILD-KSD1621RTF Datasheet
120Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - KSD1621

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com