Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LAX100-NP Arkusz danych(PDF) 2 Page - LEM

Numer części LAX100-NP
Szczegółowy opis  Current Transducer LAX SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAX100-NP Arkusz danych(HTML) 2 Page - LEM

  LAX100-NP Datasheet HTML 1Page - LEM LAX100-NP Datasheet HTML 2Page - LEM LAX100-NP Datasheet HTML 3Page - LEM LAX100-NP Datasheet HTML 4Page - LEM LAX100-NP Datasheet HTML 5Page - LEM LAX100-NP Datasheet HTML 6Page - LEM LAX100-NP Datasheet HTML 7Page - LEM LAX100-NP Datasheet HTML 8Page - LEM LAX100-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2/12
www.lem.com
070213/7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Electrical data
At T
A = 25°C, VC = ± 15 V and RM = 50 Ω, NP = 1 turn, high speed PCB design (see page 11), unless otherwise noted.
Parameters with a * in the conditions column apply over the - 40°C.. 85°C ambient temperature range.
LAX series 16-100 A
Parameter
Symbol Unit
Mini
Typ
Maxi
Primary nominal current rms
IPN
At
100
Apply derating according to fig. 2
Primary current, measuring range
IPM
At
± 160
*
VC = ± 15 V ± 5%
49
51
*
VC = ± 15 V ± 5%, ± IPM measuring range,
DC primary current
0
51
*
VC = ± 15 V ± 5%, ± IPM measuring range,
AC primary current
0
15
*
VC = ± 12 V ± 5%, ± IPM measuring range,
DC or AC primary current
Secondary nominal current rms
ISN
mA
50
at 100 At
Supply voltage
VC
V
± 11.4
± 15.75
Current consumption
IC
mA
10 + IS
12 + IS
Electrical offset current
IOE
µA
-150
0
+150
VC = full range
31
65
after a cycle to 50 A
41
70
after a cycle to 100 A
100
230
after a cycle to 300 A
120
250
after a cycle to 500 A
-200
200
0°C .. + 70°C, VC = full range
-330
330
- 25°C .. + 85°C, VC = full range
-500
500
*
- 40°C .. + 85°C, VC = full range
Sensitivity
G
mA/At
0.5
Primary turns
NP
1
3
Sensitivity error
ε
G
%
-0.47
0.47
± 100 A range
0.1
0.28
± 50 A range
0.06
0.14
± 100 A range
0.11
0.32
± 100 A range, low speed 1 turn PCB design
Overall accuracy
XG
%
-0.91
0.91
= IOE +
ε
G +
ε
L
Reaction time
tra
µs
0.1
high and low speed PCB designs,
dIP/dt = 100 A/µs
di/dt accurately followed
di/dt
A/µs
> 100
0.17
0.1 Hz < f < 49 Hz, IP = 0
0.17
51 Hz < f < 1 kHz, IP = 0
0.11
1 kHz < f < 100 kHz, IP = 0
Secondary coil resistance
RS
60
Temperature variation of IO
IOT
µA
Measuring resistance
RM
Magnetic offset current
IOM
µA
Output current noise
Linearity error
ε
L
%
of
range
Conditions
Ino
µArms


Podobny numer części - LAX100-NP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Taiyo Yuden (U.S.A.), I...
LAXHG5050XAT3R3NMR TAIYO-YUDEN-LAXHG5050XAT3R3NMR Datasheet
407Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
LAXHG5050XKT151MMR TAIYO-YUDEN-LAXHG5050XKT151MMR Datasheet
405Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
LAXHG5050XKT470MMR TAIYO-YUDEN-LAXHG5050XKT470MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
More results

Podobny opis - LAX100-NP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
   Current Transducer CTSR series
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com