Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF205-P Arkusz danych(PDF) 2 Page - LEM

Numer części LF205-P
Szczegółowy opis  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205-P Arkusz danych(HTML) 2 Page - LEM

  LF205-P_06 Datasheet HTML 1Page - LEM LF205-P_06 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Secondary terminals
Terminal +
: supply voltage + 12 .. 15 V
Terminal M : measure
Terminal -
: supply voltage - 12 .. 15 V
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & secondary connection 3 pins 0.63x0.56 mm
Recommanded PCB hole
∅ 0.9 mm
Primary through-hole
∅ 15.5 mm
Supplementary fastening
2 holes
∅ 1.75 mm
Recommended PCB hole
2.4 mm
Recommended screws
KA22 x 6
LEM code
47.30.60.006.0
Dimensions LF 205-P (in mm. 1 mm = 0.0394 inch)
Bottom view
Top view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Connection
Front view
Back view
Left view


Podobny numer części - LF205-P_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF205-P/SP1 LEM-LF205-P/SP1 Datasheet
73Kb / 2P
   Current Transducer LF 205-P/SP1
More results

Podobny opis - LF205-P_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com