Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF205-S Arkusz danych(PDF) 3 Page - LEM

Numer części LF205-S
Szczegółowy opis  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205-S Arkusz danych(HTML) 3 Page - LEM

  LF205-S_06 Datasheet HTML 1Page - LEM LF205-S_06 Datasheet HTML 2Page - LEM LF205-S_06 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
060522/11
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 3/3
Connection
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.2 mm
Transducer fastening
Vertical position
2 holes
∅ 4.3 mm
2 M4 steel screws
Fastening torque, max
3.2 Nm or 2.37 Lb. - Ft.
or
4 holes
∅ 1.9 mm depth 7 mm
4 x PT KA25 screws long 6 mm
Transducer fastening
Horizontal position
4 holes
∅ 4.3 mm
4 M4 steel screws
Fastening torque, max
3.2 Nm or 2.37 Lb. - Ft.
or
4 holes
∅ 1.9 mm
4 x PT KA25 screws
Fastening torque, max
0.7 Nm or 0.52 Lb. - Ft.
Primary through-hole
∅ 15.5 mm
Connection of secondary
Molex 5045-0.3/A
Dimensions LF 205-S (in mm. 1 mm = 0.0394 inch)
Top view
Front view
Back view
Bottom view
Right view


Podobny numer części - LF205-S_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF205-S LEM-LF205-S_13 Datasheet
721Kb / 3P
   Current Transducer
More results

Podobny opis - LF205-S_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com