Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA0161 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części TDA0161
Szczegółowy opis  Proximity Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161 Arkusz danych(HTML) 1 Page - STMicroelectronics

  TDA0161_05 Datasheet HTML 1Page - STMicroelectronics TDA0161_05 Datasheet HTML 2Page - STMicroelectronics TDA0161_05 Datasheet HTML 3Page - STMicroelectronics TDA0161_05 Datasheet HTML 4Page - STMicroelectronics TDA0161_05 Datasheet HTML 5Page - STMicroelectronics TDA0161_05 Datasheet HTML 6Page - STMicroelectronics TDA0161_05 Datasheet HTML 7Page - STMicroelectronics TDA0161_05 Datasheet HTML 8Page - STMicroelectronics TDA0161_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 2
October 2005
1/12
12
TDA0161
Proximity Detectors
Features
10mA Output Current
Oscillator Frequency 10MHz
Supply Voltage +4 to +35V
Description
These monolithic integrated circuits are designed
for metallic body detection by sensing variations
in high frequency Eddy current losses. Using an
externally-tuned circuit, they act as oscillators.
The
output
signal
level
is
altered
by
an
approaching metallic object.
The output signal is determined by supply current
changes. Independent of supply voltage, this
current is high or low, according to the presence
or absence of a closely located metallic object.
SO8
DIP-8
www.st.com
Block Diagram


Podobny numer części - TDA0161_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA0161DP STMICROELECTRONICS-TDA0161DP Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
TDA0161FP STMICROELECTRONICS-TDA0161FP Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
More results

Podobny opis - TDA0161_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
   Proximity Detectors
logo
NXP Semiconductors
OM3105P PHILIPS-OM3105P Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com