Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR3105PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRLR3105PBF
Szczegółowy opis  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105PBF Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRLR3105PBF Datasheet HTML 2Page - International Rectifier IRLR3105PBF Datasheet HTML 3Page - International Rectifier IRLR3105PBF Datasheet HTML 4Page - International Rectifier IRLR3105PBF Datasheet HTML 5Page - International Rectifier IRLR3105PBF Datasheet HTML 6Page - International Rectifier IRLR3105PBF Datasheet HTML 7Page - International Rectifier IRLR3105PBF Datasheet HTML 8Page - International Rectifier IRLR3105PBF Datasheet HTML 9Page - International Rectifier IRLR3105PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U3105PbF
6
www.irf.com
25
50
75
100
125
150
175
0
20
40
60
80
100
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
6.1A
11A
15A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
ID = 250µA


Podobny numer części - IRLR3105PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Advanced Process Technology
IRLR3105PBF IRF-IRLR3105PBF_15 Datasheet
327Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRLR3105PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com