Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA316X-600B Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części BTA316X-600B
Szczegółowy opis  16 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X-600B Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button BTA316X-600B Datasheet HTML 5Page - NXP Semiconductors BTA316X-600B Datasheet HTML 6Page - NXP Semiconductors BTA316X-600B Datasheet HTML 7Page - NXP Semiconductors BTA316X-600B Datasheet HTML 8Page - NXP Semiconductors BTA316X-600B Datasheet HTML 9Page - NXP Semiconductors BTA316X-600B Datasheet HTML 10Page - NXP Semiconductors BTA316X-600B Datasheet HTML 11Page - NXP Semiconductors BTA316X-600B Datasheet HTML 12Page - NXP Semiconductors BTA316X-600B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BTA316X_SER_B_C_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
11 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
11. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA316X_SER_B_C_E_1
20070411
Product data sheet
-
-


Podobny numer części - BTA316X-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SiPower Inc.
BTA316X-600B SIPOWER-BTA316X-600B Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600B WEEN-BTA316X-600B Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

Podobny opis - BTA316X-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com