Zakładka z wyszukiwarką danych komponentów |
|
TS4975EIJT Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
TS4975EIJT Arkusz danych(HTML) 8 Page - STMicroelectronics |
8 / 36 page Electrical Characteristics TS4975 8/36 Table 6. VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit ICC Supply Current No input signal, no load, Single-ended, Mode 1-4 34.2 mA No input signal, no load, Single-ended, Mode 5-8 22.8 No input signal, no load, Phantom Ground, Mode 1-4 4.6 6.5 No input signal, no load, Phantom Ground, Mode 5-8 3.6 5.3 ISTBY Standby Current SCL and SDA at VCC level, No input signal 0.6 2 µA Voo Output Offset Voltage No input signal, RL =32Ω, Phantom Ground 550 mV Pout Output Power (per channel) Single-ended, THD+N = 1% Max, F= 1kHz, RL =16Ω 34 40 mW Single-ended, THD+N = 1% Max,F = 1kHz, RL =32Ω 24 26 Phantom Ground, THD+N = 1% Max, F= 1kHz, RL =16Ω 34 40 Phantom Ground, THD+N = 1% Max, F= 1kHz, RL =32Ω 24 26 THD + N Total Harmonic Distortion + Noise Single-ended, AV = 2dB, RL =32Ω, Pout = 20 mW, 20Hz < F < 20kHz, 0.3 % Single-ended, AV = 2dB, RL =16Ω, Pout = 30 mW, 20Hz < F < 20kHz 0.3 Phantom Ground, AV =2dB, RL =32Ω, Pout =20 mW, 20Hz < F < 20kHz 0.3 Phantom GroundAV =2dB, RL =16Ω, Pout = 30 mW, 20Hz < F < 20kHz 0.3 PSRR Power Supply Rejection Ratio(1) Single-ended Output referenced to Phantom Ground F = 217Hz, RL =16Ω, AV =2dB Vripple = 200mVpp, Input Grounded, Cb = 1µF 61 dB Single-ended Output referenced to Ground, F = 217Hz, RL =16Ω, AV =2dB Vripple = 200mVpp, Input Grounded, Cb = 1µF 61 |
Podobny numer części - TS4975EIJT |
|
Podobny opis - TS4975EIJT |