Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NZT6728 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części NZT6728
Szczegółowy opis  PNP General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT6728 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button NZT6728 Datasheet HTML 4Page - Fairchild Semiconductor NZT6728 Datasheet HTML 5Page - Fairchild Semiconductor NZT6728 Datasheet HTML 6Page - Fairchild Semiconductor NZT6728 Datasheet HTML 7Page - Fairchild Semiconductor NZT6728 Datasheet HTML 8Page - Fairchild Semiconductor NZT6728 Datasheet HTML 9Page - Fairchild Semiconductor NZT6728 Datasheet HTML 10Page - Fairchild Semiconductor NZT6728 Datasheet HTML 11Page - Fairchild Semiconductor NZT6728 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TO-226AE (FS PKG Code 95, 99)
TO-226AE Package Dimensions
October 1999, Rev. A1
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.300
S0.51-0.36;
S0.76-
0.36;
S1.40-1.14;
S1.40-1.14;
S4.70-4.32;
S2.41-2.13;
S4.45-3.81;
5" TYP
S1.52-1.02;
2" TYP
2" TYP
S7.73-7.10;
S7.87-7.37;
S15.61-14.47;
S1.65-1.27;
0.51
S0.48-0.30;
TO-226AE (95,99)
1
99 95
3CB
2BC
1EE
3
2
For leadformed option ordering,
refer to Tape & Reel data information.
©2000 Fairchild Semiconductor International


Podobny numer części - NZT6728

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NZT6728 FAIRCHILD-NZT6728 Datasheet
110Kb / 4P
   PNP General Purpose Amplifier
More results

Podobny opis - NZT6728

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com