Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA06P4M7GK2 Arkusz danych(PDF) 3 Page - EPCOS

Numer części CA06P4M7GK2
Szczegółowy opis  Multiple elements in one component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

CA06P4M7GK2 Arkusz danych(HTML) 3 Page - EPCOS

  CA06P4M7GK2 Datasheet HTML 1Page - EPCOS CA06P4M7GK2 Datasheet HTML 2Page - EPCOS CA06P4M7GK2 Datasheet HTML 3Page - EPCOS CA06P4M7GK2 Datasheet HTML 4Page - EPCOS CA06P4M7GK2 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
133 04/02
Dimensions
Recommended solder pad layout
VAR0399-P
e
d
= 3,2±0,2
b = 1,6±0,15
s = 0,9 max.
d = 0,4±0,15
e = 0,8±0,15
Coplanarity < 0,1
l = 2,0
± 0,2
b = 1,25
± 0,15
s = 0,9 max.
d = 0,3
± 0,10
e = 0,5
± 0,10
Coplanarity < 0,1
CA06P4
CA05P4
VAR0407-U
A = 0,5 mm
B = 0,7 mm
C = 1,2 mm
E = 0,76 mm
E
A
A = 0,35 mm
B = 0,9 mm
C = 0,4 mm
E = 0,5 mm
CA06P4
CA05P4
MLV Arrays CA06P4 and CA05P4
SMD Varistors


Podobny numer części - CA06P4M7GK2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
CA06P4K17ALCG EPCOS-CA06P4K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA06P4K17TLCG EPCOS-CA06P4K17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA06P4L14THSG EPCOS-CA06P4L14THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CA06P4L150THSG EPCOS-CA06P4L150THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CA06P4S14THSG EPCOS-CA06P4S14THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
More results

Podobny opis - CA06P4M7GK2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
   All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
   All-in-One Component Workstation
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
Ohmite Mfg. Co.
RES-WFH OHMITE-RES-WFH Datasheet
319Kb / 2P
   Multiple resistors in one profile possible
logo
Schurter Inc.
0853.1250 SCHURTER-0853.1250 Datasheet
193Kb / 2P
   Fuse inserter, extractor and cover in one component
logo
Grayhill, Inc
62B22-SPP-040C GRAYHILL-62B22-SPP-040C Datasheet
411Kb / 2P
   Multiple Switching Functions Available in One Compact Device
logo
Texas Instruments
SN74H87 TI-SN74H87 Datasheet
114Kb / 2P
[Old version datasheet]   4-BIT TRUE/COMPLEMENT, ZERO/ONE ELEMENTS
logo
TT Electronics.
PCA TTELEC-PCA Datasheet
459Kb / 3P
   Four elements in 1206 footprint
logo
Omron Electronics LLC
P1TX4-SX4X-01MM OMRON-P1TX4-SX4X-01MM Datasheet
250Kb / 7P
   Multiple signals over one multimode fiber
logo
ORION FANS
P1RX4C-SX4-01MM ORIONFANS-P1RX4C-SX4-01MM Datasheet
241Kb / 6P
   Multiple signals from one Multimode fiber
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com