Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC146010ED Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MC146010ED
Szczegółowy opis  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC146010ED Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MC146010ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC146010ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Sensors
Freescale Semiconductor
5
MC146010
No.
Symbol
Parameter
Test Condition
Clocks
Min(1)
Typ(2)
Max(1)
Unit
13
tCH
Silver and Brass Chirp Pulse Period
Low Supply or Degraded
Chamber Sensitivity
4096
38.9
43
47.1
s
14
tW(CH)
Silver and Brass Chirp Pulse Width
Low Supply or Degraded
Chamber Sensitivity
1.0
9.5
10.5
11.5
ms
15
tRR
Rising Edge on IO to Smoke Alarm
Response Time
Remote Smoke, No local
smoke
——
2 sec(3)
16
tstb
Strobe Out Pulse Period
Smoke Test
1024
9.67
10.8
11.83
s
17
Chamber Sensitivity Test
Without Local Smoke
4096
38.9
43
47.1
s
18
Low Supply Test Without Local
Smoke
4096
38.9
43
47.1
s
19
Pushbutton Test/Speed-Up
128
1.2
1.3
1.5
s
20
tMUTE
Mute time
Local smoke
7.0
10
14
min
1. Oscillator period T (T = Tr + Tf) is determined by the external components R1, R2 and C3 where Tr = (0.6931)R2*C3 and Tf = (0.6931)R1*C3.
The other timing characteristics are some multiple of the oscillator timing shown in the table. The timing shown should accommodate the
NFPA72, ANSI S3.41, and ISO8201 audible emergency evacuation signals.
2. Typicals are not guaranteed.
3. Time is typical-depends on what point in cycle the signal is applied.
Table 3
. AC Electrical Characteristics (Refer to Timing Diagram Figure 3 and Figure 4. TA = 25°C, VDD = 9.0 V,
Component Values from Figure 5.) (continued)


Podobny numer części - MC146010ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC146010ED FREESCALE-MC146010ED Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
More results

Podobny opis - MC146010ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com