Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9211
Szczegółowy opis  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9211_07 Datasheet HTML 7Page - Analog Devices AD9211_07 Datasheet HTML 8Page - Analog Devices AD9211_07 Datasheet HTML 9Page - Analog Devices AD9211_07 Datasheet HTML 10Page - Analog Devices AD9211_07 Datasheet HTML 11Page - Analog Devices AD9211_07 Datasheet HTML 12Page - Analog Devices AD9211_07 Datasheet HTML 13Page - Analog Devices AD9211_07 Datasheet HTML 14Page - Analog Devices AD9211_07 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9211
Rev. 0 | Page 11 of 28
DNC = DO NOT CONNECT
PIN 1
INDICATOR
1
D2/D7–
2
D2/D7+
3
D3/D8–
4
D3/D8+
5
(MSB) D4/D9–
6
(MSB) D4/D9+
7
DRVDD
8
DRGND
9
OR–
10
OR+
11
DNC
12
DNC
13
DNC
14
DNC
35 VIN+
36 VIN–
37 AVDD
38 AVDD
39 AVDD
40 CML
41 AVDD
42 AVDD
34 AVDD
33 AVDD
32 AVDD
31 RBIAS
30 AVDD
29 PWDN
TOP VIEW
(Not to Scale)
PIN 0 (EXPOSED PADDLE) = AGND
AD9211
Figure 5. AD9211 Double Data Rate Pin Configuration
Table 8. Double Data Rate Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
30, 32 to 34, 37 to 39,
41 to 43, 46
AVDD
1.8 V Analog Supply.
7, 24, 47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground.
8, 23, 48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.
40
CML
Common-Mode Output Pin. Enabled through the SPI, this pin provides a reference for the
optimized internal bias voltage for VIN+/VIN−.
44
CLK+
Clock Input—True.
45
CLK−
Clock Input—Complement.
31
RBIAS
Set Pin for Chip Bias Current. (Place 1% 10 kΩ resistor terminated to ground.) Nominally 0.5 V.
28
RESET
CMOS-Compatible Chip Reset (Active Low).
25
SDIO/DCS
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer Select
(External Pin Mode).
26
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
PWDN
Chip Power-Down.
49
DCO−
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
53
D0/D5−
D1/D7 Complement Output Bit (LSB).
54
D0/D5+
D1/D7 True Output Bit (LSB).
55
D1/D6−
D2/D8 Complement Output Bit.
56
D1/D6+
D2/D8 True Output Bit.
1
D2/D7−
D3/D9 Complement Output Bit.
2
D2/D7+
D3/D9 True Output Bit.
3
D3/D8−
D4/D10 Complement Output Bit.
4
D3/D8+
D4/D10 True Output Bit.
5
D4/D9−
D5/D11 Complement Output Bit (MSB).
6
D4/D9+
D5/D11 True Output Bit (MSB).


Podobny numer części - AD9211_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211-170EB AD-AD9211-170EB Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211-200EB AD-AD9211-200EB Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9211-250EB AD-AD9211-250EB Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9211-250EBZ AD-AD9211-250EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results

Podobny opis - AD9211_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com