Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211BCPZ-200 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9211BCPZ-200
Szczegółowy opis  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211BCPZ-200 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9211BCPZ-200 Datasheet HTML 2Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 3Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 4Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 5Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 6Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 7Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 8Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 9Page - Analog Devices AD9211BCPZ-200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9211
Rev. 0 | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 4.
AD9211-200
AD9211-250
AD921-300
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
200
250
300
MSPS
Minimum Conversion Rate
Full
40
40
40
MSPS
CLK+ Pulse Width High (tCH)
Full
2.25
2.5
1.8
2.0
1.5
1.7
ns
CLK+ Pulse Width Low (tCL)
Full
2.25
2.5
1.8
2.0
1.5
1.7
ns
Output (LVDS − SDR Mode)1
Data Propagation Delay (tPD)
Full
3.0
3.0
3.0
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
0.2
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
0.2
0.2
ns
DCO Propagation Delay (tCPD)
Full
3.9
3.9
3.9
ns
Data to DCO Skew (tSKEW)
Full
−0.3
+0.1
+0.5
−0.3
+0.1
+0.5
−0.3
+0.1
+0.5
ns
Latency
Full
7
7
7
Cycles
Output (LVDS − DDR Mode)2
Data Propagation Delay (tPD)
Full
3.8
3.8
3.8
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
0.2
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
0.2
0.2
ns
DCO Propagation Delay (tCPD)
Full
3.9
3.9
3.9
ns
Data to DCO Skew (tSKEW)
Full
−0.5
+0.1
+0.3
−0.5
+0.1
+0.3
−0.5
+0.1
+0.3
ns
Latency
Full
7
7
7
Cycles
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
ps rms
1 See Figure 2.
2 See Figure 3.


Podobny numer części - AD9211BCPZ-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211BCPZ-200 AD-AD9211BCPZ-200 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
More results

Podobny opis - AD9211BCPZ-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com