Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211BCPZ-250 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9211BCPZ-250
Szczegółowy opis  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211BCPZ-250 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9211BCPZ-250 Datasheet HTML 1Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9211BCPZ-250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9211
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 1.
AD9211-200
AD9211-250
AD9211-300
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
25°C
4.3
4.6
4.4
mV
Full
−12
+12
−13
+13
−13
+13
mV
Gain Error
25°C
1.0
1.3
1.1
% FS
Full
−2.2
+4.3
−2.2
+4.3
−2.2
+4.3
% FS
Differential Nonlinearity (DNL)
25°C
±0.1
±0.1
±0.1
LSB
Full
−0.5
+0.5
−0.5
+0.5
−0.5
+0.5
LSB
Integral Nonlinearity (INL)
25°C
±0.2
±0.2
±0.2
LSB
Full
−0.35
0.35
−0.45
0.45
−0.7
+0.7
LSB
TEMPERATURE DRIFT
Offset Error
Full
±8
±7
±6
μV/°C
Gain Error
Full
0.018
0.018
0.018
%/°C
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range2
Full
0.98
1.25
1.5
0.98
1.25
1.5
0.98
1.25
1.5
V p-p
Input Common-Mode Voltage
Full
1.4
1.4
1.4
V
Input Resistance (Differential)
Full
4.3
4.3
4.3
Input Capacitance
25°C
2
2
2
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Currents
IAVDD3
Full
134
144
158
169
189
203
mA
IDRVDD3/SDR Mode4
Full
51
54
53
55
54
57
mA
IDRVDD3/DDR Mode5
Full
35
38
39
mA
Power Dissipation3
Full
mW
SDR Mode4
Full
333
356
380
403
437
468
mW
DDR Mode5
Full
304
353
410
mW
1 See the AN-835
application note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the Memory Map section.
3 IAVDD and IDRVDD are measured with a −1 dBFS, 10.3 MHz sine input at rated sample rate.
4 Single data rate mode; this is the default mode of the AD9211.
5 Double data rate mode; user-programmable feature. See the Memory Map section.


Podobny numer części - AD9211BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211BCPZ-250 AD-AD9211BCPZ-250 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
More results

Podobny opis - AD9211BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com