Zakładka z wyszukiwarką danych komponentów |
|
AD9211BCPZ-300 Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9211BCPZ-300 Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 28 page AD9211 Rev. 0 | Page 11 of 28 DNC = DO NOT CONNECT PIN 1 INDICATOR 1 D2/D7– 2 D2/D7+ 3 D3/D8– 4 D3/D8+ 5 (MSB) D4/D9– 6 (MSB) D4/D9+ 7 DRVDD 8 DRGND 9 OR– 10 OR+ 11 DNC 12 DNC 13 DNC 14 DNC 35 VIN+ 36 VIN– 37 AVDD 38 AVDD 39 AVDD 40 CML 41 AVDD 42 AVDD 34 AVDD 33 AVDD 32 AVDD 31 RBIAS 30 AVDD 29 PWDN TOP VIEW (Not to Scale) PIN 0 (EXPOSED PADDLE) = AGND AD9211 Figure 5. AD9211 Double Data Rate Pin Configuration Table 8. Double Data Rate Mode Pin Function Descriptions Pin No. Mnemonic Description 30, 32 to 34, 37 to 39, 41 to 43, 46 AVDD 1.8 V Analog Supply. 7, 24, 47 DRVDD 1.8 V Digital Output Supply. 0 AGND1 Analog Ground. 8, 23, 48 DRGND1 Digital Output Ground. 35 VIN+ Analog Input—True. 36 VIN− Analog Input—Complement. 40 CML Common-Mode Output Pin. Enabled through the SPI, this pin provides a reference for the optimized internal bias voltage for VIN+/VIN−. 44 CLK+ Clock Input—True. 45 CLK− Clock Input—Complement. 31 RBIAS Set Pin for Chip Bias Current. (Place 1% 10 kΩ resistor terminated to ground.) Nominally 0.5 V. 28 RESET CMOS-Compatible Chip Reset (Active Low). 25 SDIO/DCS Serial Port Interface (SPI) Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer Select (External Pin Mode). 26 SCLK/DFS Serial Port Interface Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode). 27 CSB Serial Port Chip Select (Active Low). 29 PWDN Chip Power-Down. 49 DCO− Data Clock Output—Complement. 50 DCO+ Data Clock Output—True. 53 D0/D5− D1/D7 Complement Output Bit (LSB). 54 D0/D5+ D1/D7 True Output Bit (LSB). 55 D1/D6− D2/D8 Complement Output Bit. 56 D1/D6+ D2/D8 True Output Bit. 1 D2/D7− D3/D9 Complement Output Bit. 2 D2/D7+ D3/D9 True Output Bit. 3 D3/D8− D4/D10 Complement Output Bit. 4 D3/D8+ D4/D10 True Output Bit. 5 D4/D9− D5/D11 Complement Output Bit (MSB). 6 D4/D9+ D5/D11 True Output Bit (MSB). |
Podobny numer części - AD9211BCPZ-300 |
|
Podobny opis - AD9211BCPZ-300 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |