Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9211-200EBZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9211-200EBZ
Szczegółowy opis  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9211-200EBZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9211-200EBZ Datasheet HTML 4Page - Analog Devices AD9211-200EBZ Datasheet HTML 5Page - Analog Devices AD9211-200EBZ Datasheet HTML 6Page - Analog Devices AD9211-200EBZ Datasheet HTML 7Page - Analog Devices AD9211-200EBZ Datasheet HTML 8Page - Analog Devices AD9211-200EBZ Datasheet HTML 9Page - Analog Devices AD9211-200EBZ Datasheet HTML 10Page - Analog Devices AD9211-200EBZ Datasheet HTML 11Page - Analog Devices AD9211-200EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9211
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−2.0 V to +2.0 V
D0+/D0− through D9+/D9−
to DRGND
−0.3 V to DRVDD + 0.3 V
DCO to DRGND
−0.3 V to DRVDD + 0.3 V
OR to DGND
−0.3 V to DRVDD + 0.3 V
CLK+ to AGND
−0.3 V to +3.9 V
CLK− to AGND
−0.3 V to +3.9 V
VIN+ to AGND
−0.3 V to AVDD + 0.2 V
VIN− to AGND
−0.3 V to AVDD + 0.2 V
SDIO/DCS to DGND
−0.3 V to DRVDD + 0.3 V
PWDN to AGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK/DFS to AGND
−0.3 V to +3.9 V
ENVIRONMENTAL
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane
for the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 6.
Package Type
θJA
θJC
Unit
56-Lead LFCSP (CP-56-2)
30.4
2.9
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, and through holes, ground, and power planes
reduces the θJA.
ESD CAUTION


Podobny numer części - AD9211-200EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results

Podobny opis - AD9211-200EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com