Zakładka z wyszukiwarką danych komponentów |
|
AD9211-250EBZ Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD9211-250EBZ Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 28 page AD9211 Rev. 0 | Page 3 of 28 SPECIFICATIONS DC SPECIFICATIONS AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted. Table 1. AD9211-200 AD9211-250 AD9211-300 Parameter1 Temp Min Typ Max Min Typ Max Min Typ Max Unit RESOLUTION 10 10 10 Bits ACCURACY No Missing Codes Full Guaranteed Guaranteed Guaranteed Offset Error 25°C 4.3 4.6 4.4 mV Full −12 +12 −13 +13 −13 +13 mV Gain Error 25°C 1.0 1.3 1.1 % FS Full −2.2 +4.3 −2.2 +4.3 −2.2 +4.3 % FS Differential Nonlinearity (DNL) 25°C ±0.1 ±0.1 ±0.1 LSB Full −0.5 +0.5 −0.5 +0.5 −0.5 +0.5 LSB Integral Nonlinearity (INL) 25°C ±0.2 ±0.2 ±0.2 LSB Full −0.35 0.35 −0.45 0.45 −0.7 +0.7 LSB TEMPERATURE DRIFT Offset Error Full ±8 ±7 ±6 μV/°C Gain Error Full 0.018 0.018 0.018 %/°C ANALOG INPUTS (VIN+, VIN−) Differential Input Voltage Range2 Full 0.98 1.25 1.5 0.98 1.25 1.5 0.98 1.25 1.5 V p-p Input Common-Mode Voltage Full 1.4 1.4 1.4 V Input Resistance (Differential) Full 4.3 4.3 4.3 kΩ Input Capacitance 25°C 2 2 2 pF POWER SUPPLY AVDD Full 1.7 1.8 1.9 1.7 1.8 1.9 1.7 1.8 1.9 V DRVDD Full 1.7 1.8 1.9 1.7 1.8 1.9 1.7 1.8 1.9 V Supply Currents IAVDD3 Full 134 144 158 169 189 203 mA IDRVDD3/SDR Mode4 Full 51 54 53 55 54 57 mA IDRVDD3/DDR Mode5 Full 35 38 39 mA Power Dissipation3 Full mW SDR Mode4 Full 333 356 380 403 437 468 mW DDR Mode5 Full 304 353 410 mW 1 See the AN-835 application note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed. 2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the Memory Map section. 3 IAVDD and IDRVDD are measured with a −1 dBFS, 10.3 MHz sine input at rated sample rate. 4 Single data rate mode; this is the default mode of the AD9211. 5 Double data rate mode; user-programmable feature. See the Memory Map section. |
Podobny numer części - AD9211-250EBZ |
|
Podobny opis - AD9211-250EBZ |