Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1185 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM1185
Szczegółowy opis  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1185 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM1185 Datasheet HTML 7Page - Analog Devices ADM1185 Datasheet HTML 8Page - Analog Devices ADM1185 Datasheet HTML 9Page - Analog Devices ADM1185 Datasheet HTML 10Page - Analog Devices ADM1185 Datasheet HTML 11Page - Analog Devices ADM1185 Datasheet HTML 12Page - Analog Devices ADM1185 Datasheet HTML 13Page - Analog Devices ADM1185 Datasheet HTML 14Page - Analog Devices ADM1185 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1185
Rev. 0 | Page 11 of 16
VIN1
OUT1
OUT2
OUT3
PWRGD
VT (RISING)
tPROP
190ms
190ms
NOTES
1. THE RISING THRESHOLD ON THE VIN1 TO VIN4 PINS IS SLIGHTLY
HIGHER THAN 0.6V AS THERE IS HYSTERESIS ON THIS PIN.
Figure 20. Power-Up Waveforms
VIN1
VT (FALLING) = 0.6V
VT (RISING)
OUT1
OUT2
OUT3
PWRGD
NOTES
1. THE RISING THRESHOLD ON THE VIN1 TO VIN4 PINS IS SLIGHTLY
HIGHER THAN 0.6V AS THERE IS HYSTERESIS ON THIS PIN.
tPROP
tPROP
190ms
190ms
Figure 21. Waveforms Showing Reaction to a Temporary Low Glitch
on the Main Supply
CH1 1.00V
CH2 1.00V
CH3 1.00V
CH4 1.00V
M50.0ms
CH1
380mV
1
2
3
4
OUT1
OUT2
OUT3
PWRGD
Figure 22. Plot of OUT1, OUT2, OUT3, and PWRGD Outputs at Startup
in an Application Similar to that Shown in Figure 18


Podobny numer części - ADM1185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results

Podobny opis - ADM1185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com