Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1185ARMZ-1 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM1185ARMZ-1
Szczegółowy opis  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ-1 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM1185ARMZ-1 Datasheet HTML 3Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 4Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 5Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 6Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 7Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 8Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 9Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 10Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM1185
Rev. 0 | Page 7 of 16
60
50
40
30
20
10
0
2.7
5.5
5.1 5.3
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
VOLTAGE (V)
100mV OVERDRIVE
Figure 10. VIN1 to OUT1 Falling Delay vs. Supply Voltage (100 mV Overdrive)
50
40
30
20
10
0
–40 –30 –20 –10
0
1020304050607080
90
TEMPERATURE (°C)
VCC = 3.3V, 100mV OVERDRIVE
Figure 11. VINx to Output Falling Delay vs. Temperature
0.610
0.590
0.592
0.594
0.596
0.598
0.600
0.602
0.604
0.606
0.608
–40
90
70
80
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (°C)
Figure 12. VINx Trip Threshold vs. Temperature
180
160
140
120
100
80
60
40
20
0
01
90
70
80
60
50
40
30
20
10
OVERDRIVE (mV)
00
Figure 13. Trip Threshold Maximum Transient Duration vs. Input Overdrive
200
180
160
140
120
100
80
60
40
20
0
0
102030405060708090
100
OVERDRIVE (mV)
APPLICABLE ONLY TO
CHANNEL 2 AND CHANNEL 3
Figure 14. Propagation Delay vs. Input Overdrive
400
350
300
250
200
150
100
50
0
02
22
20
18
16
14
12
10
8
6
4
2
OUTPUT SINK CURRENT (mA)
4
Figure 15. Output Low Voltage vs. Output Sink Current


Podobny numer części - ADM1185ARMZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results

Podobny opis - ADM1185ARMZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com