Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB-402VN Arkusz danych(PDF) 2 Page - Rohm

Numer części LB-402VN
Szczegółowy opis  High efficiency, two-digit numeric displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LB-402VN Arkusz danych(HTML) 2 Page - Rohm

  LB-402VN Datasheet HTML 1Page - Rohm LB-402VN Datasheet HTML 2Page - Rohm LB-402VN Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB-402DN Series
LED displays
2/2
Internal circuit schematic (example of common anode)
Dig.1
14
a1
16
b1
15
c1
3
d1
2
e1
1
f1
18
g1
17
D.P1
4
COM
Dig.2
13
a2
11
b2
10
c2
8
d2
6
e2
5
f2
12
g2
7
D.P2
9
COM
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Red
Unit
LB-402VD / VN LB-402DD / DN LB-402YD / YN LB-402MD / MN
640
40
15
60∗
5
mW
mW
mA
mA
V
°C
°C
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
640
40
15
60∗
5
Yellow
Orange
Green
640
40
15
60∗
5
960
60
20
60∗
5
−25~+75
−30~+85
Pulse width 1ms duty 1 / 5
Electrical and optical characteristics (Ta = 25
°C)
Parameter
Symbol
Red
Orange
Yellow
Green
Unit
Conditions
Min.
Typ. Max. Min.
Typ. Max.
2.8
V
µA
nm
nm
2.0
2.8
2.0
650
40
100
610
40
100
−−
−−
Min.
Typ. Max.
2.8
2.1
585
40
100
−−
Min.
Typ. Max.
2.8
2.1
563
40
100
−−
IF
= 10mA
VR
= 3V
IF
= 10mA
IF
= 10mA
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half
width
Not designed for radiation resistance.
Luminous intensity
Unit
Min.
Typ.
Max.
Color
λP
Type
Red
Orange
Yellow
Green
650
610
585
563
LB-402VD
LB-402VN
LB-402DD
LB-402DN
LB-402YD
LB-402YN
LB-402MD
LB-402MN
5.6
3.6
16
10
mcd
mcd
3.6
10
mcd
9.0
25
mcd
Note : Measured at IF = 10mA


Podobny numer części - LB-402VN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LB-402VN ROHM-LB-402VN Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
LB-402VN ROHM-LB-402VN Datasheet
353Kb / 5P
   High efficiency, two-digit numeric displays
More results

Podobny opis - LB-402VN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com