Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM23EC-F Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części AM23EC-F
Szczegółowy opis  SOT-23 SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23EC-F Arkusz danych(HTML) 2 Page - Kingbright Corporation

  AM23EC-F Datasheet HTML 1Page - Kingbright Corporation AM23EC-F Datasheet HTML 2Page - Kingbright Corporation AM23EC-F Datasheet HTML 3Page - Kingbright Corporation AM23EC-F Datasheet HTML 4Page - Kingbright Corporation AM23EC-F Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1246
REV NO: V.4
DATE: MAY/08/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1202000002
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AM23EC-F
High Efficiency Red (GaAsP/GaP)
WATER CLEAR
4
15
140
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
2
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR=5V
Parameter
High Efficiency Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Podobny numer części - AM23EC-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
AM23EC-F TO-GRACE-AM23EC-F Datasheet
812Kb / 4P
   AM23CGCK-F
More results

Podobny opis - AM23EC-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com