Zakładka z wyszukiwarką danych komponentów |
|
TL051ACP Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
TL051ACP Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 68 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL052C and TL052AC electrical characteristics at specified free-air temperature TL052C, TL052AC PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX TL052C 25 °C 0.73 3.5 0.65 1.5 VIO Input offset voltage TL052C Full range 4.5 2.5 mV VIO Input offset voltage V0 TL052AC 25 °C 0.51 2.8 0.4 0.8 mV VO = 0, VIC =0 TL052AC Full range 3.8 1.8 VIC = 0, RS = 50 Ω TL052C 25 °C to 8 8 a Temperature coefficient RS 50 Ω TL052C 70 °C 8 8 µV/°C a V IO of input offset voltage‡ TL052AC 25 °C to 8 6 25 µV/°C TL052AC 70 °C 8 6 25 Input offset-voltage long-term drift§ VO = 0, RS = 50 Ω VIC = 0, 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC =0 25 °C 4 100 5 100 pA IIO Input offset current O , See Figure 5 VIC = 0, 70 °C 0.02 1 0.025 1 nA IIB Input bias current VO = 0, VIC =0 25 °C 20 200 30 200 pA IIB Input bias current O , See Figure 5 VIC = 0, 70 °C 0.15 4 0.2 4 nA VICR Common-mode input 25 °C –1 to 4 –2.3 to 5.6 –11 to 11 –12.3 to 15.6 V VICR voltage range Full range –1 to 4 –11 to 11 V RL =10kΩ 25 °C 3 4.2 13 13.9 VOM Maximum positive peak RL = 10 kΩ Full range 3 13 V VOM+ output voltage swing RL =2kΩ 25 °C 2.5 3.8 11.5 12.7 V RL = 2 kΩ Full range 2.5 11.5 RL =10kΩ 25 °C –2.5 –3.5 –12 –13.2 VOM Maximum negative peak RL = 10 kΩ Full range –2.5 –12 V VOM– g output voltage swing RL =2kΩ 25 °C –2.3 –3.2 –11 –12 V RL = 2 kΩ Full range –2.3 –11 L i l diff ti l 25 °C 25 59 50 105 AVD Large-signal differential voltage amplification¶ RL = 2 kΩ 0 °C 30 65 60 129 V/mV voltage am lification¶ 70 °C 20 46 30 85 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 10 12 pF Common mode V V min 25 °C 65 85 75 93 CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω 0 °C 65 84 75 92 dB rejection ratio VO = 0, 70 °C 65 84 75 91 † Full range is 0 °C to 70°C. ‡ This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. § Typical values are based on the input offset-voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV. ¶ For VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V. |
Podobny numer części - TL051ACP |
|
Podobny opis - TL051ACP |