Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-7847-KC-AZ Arkusz danych(PDF) 3 Page - California Eastern Labs

Numer części MC-7847-KC-AZ
Szczegółowy opis  NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7847-KC-AZ Arkusz danych(HTML) 3 Page - California Eastern Labs

  MC-7847-KC-AZ Datasheet HTML 1Page - California Eastern Labs MC-7847-KC-AZ Datasheet HTML 2Page - California Eastern Labs MC-7847-KC-AZ Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Podobny numer części - MC-7847-KC-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-7847-KC NEC-MC-7847-KC Datasheet
94Kb / 2P
   25 dB POWER DOUBLER AM PLI FI ER
More results

Podobny opis - MC-7847-KC-AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
MC7884 CEL-MC7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com